Part Number Hot Search : 
TBP04G NTMFS493 AMP2009 CS422202 TSC302 CD4047 SB180 SR6B6K09
Product Description
Full Text Search
 

To Download CM8V-T1AM32768KHZ-20PPM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sm watch crystal cm8v tel: +44 1460 256 100 fax: +44 1460 256 101 e-mail: sales@golledge.com web: www.golledge.com 03 mar 2011 
                features  ultra low profile - 0.6mm high  miniature ceramic package  high shock & vibration resistance  industrial and extended temperature ranges  low power consumption scale 5:1 specifications product name + termination + option codes (if any) + frequency + calibration tolerance eg: cm8v-t1a 32.768khz 20ppm -40+85 c cm8v-t1a/m 32.768khz 100ppm -55+125 c option code x (eg cm8v-t1a/x) denotes a custom spec. ordering information cm8v parameters product option code  standard.  optional - please specify required code(s) when ordering  available on t&r 1k, 3k or 14k pcs/reel.  refer to our website for t&r and soldering details.  ask about higher shock & vibration specifications. terminations: gold plated pads  t1a frequency range: 32.768khz  calibration tolerance: 20ppm  100ppm  specify operating temperature range: -40 to +85 c  -55 to +125 c  m storage temperature range: -55 to +125 c  circuit condition: 7pf  specify 9pf  specify 12.5pf  other values  specify static capacitance (c 0 ): 1.0pf typ  motional capacitance (c 1 ): 3.5ff typ  equivalent series resistance: 90k  max  ageing: 3ppm max first year  drive level: 0.5w max  turnover temperature (t 0 ): +25 c 5 c  frequency / temp coefficient: -0.035ppm/ c 2 typ  shock resistance: 5ppm, 5,000g, 0.3ms, ? sine  vibration resistance: 5ppm, 20g, 10.0 ~ 2,000hz  soldering condition: reflow, 260 c, 20 sec max 


▲Up To Search▲   

 
Price & Availability of CM8V-T1AM32768KHZ-20PPM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X